Part Number Hot Search : 
74LS157N MBR862 TLP718 0140A4 RT31402 BZX84C5 IR15XB08 TODV1225
Product Description
Full Text Search
 

To Download AMS500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Monolithic Systems
FEATURES
* Fixed and Adjustable Versions Available * Output Current up to 500mA * Very Low Quiescent Current * Reverse Battery Protection * Input-output Differential less than 0.6V * Short Circuit Protection * Internal Thermal Overload Protection * Overvoltage Protection * ON/OFF Pin
AMS500
LOW COST 500mA REGULATOR
RoHS compliant
APPLICATIONS
* Cellular Telephones * Portable Consumer Equipment * Portable (Notebook) Computers * Battery Powered Systems * Portable Instrumentation * Radio Control Systems * CD/DVD drives * Automotive
GENERAL DESCRIPTION
The AMS500 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current of 0.8mA or less when supplying 50mA loads. This unique characteristic and the low input-output differential required for proper regulation (0.2V for output currents of 100mA) make the AMS500 ideal to use for standby power systems. Internal circuitry of AMS500 is protected from input fault conditions caused by input voltages that exceed maximum rated input voltage. During line transients, when the input voltage to the regulator can momentarily exceed the specified maximum operating voltage, the regulator will automatically shut down to protect both internal circuits and the load. The AMS500 series also includes internal current limiting, thermal shutdown. The AMS500 is offered in 3 lead TO-92, SOT-89, SOT-223 and 5 leads SOT-23 packages.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE SOT-23-5 AMS500M1-X AMS500M1 SOT-223 AMS500-X (R)
TEMP. RANGE IND IND
3L TO-92 SOT-89 VOLTAGE FIXED AMS500N-X AMS500L-X ADJ. X = 2.0V, 2.5V, 3.0V, 3.3V, 3.5V, 4.0V, 5.0V.
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS500
ABSOLUTE MAXIMUM RATINGS (Note 1)
Input Voltage Operating Overvoltage Protection Internal Power Dissipation (Note 4) 25V 26V to 40V Internally Limited Maximum Junction Temperature +125C Storage Temperature -65C to +150C Lead Temperature (Soldering 25 sec) 265C ESD 2000V
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =6.3V, IO =5mA, TJ=25C, C2 = 22F unless otherwise specified. PARAMETER
Fixed Output Voltage Versions Output Voltage Tolerance 6.3V V 25V, IO=100 mA
IN
CONDITIONS
AMS500-X Min.
-4.0 5.0 5 5 5 15 20 20 0.25 0.40 0.45 0.55 0.2 2 5 12 50 10 80 25 28 40 10 30 25 40 60 75 0.40 0.50 0.60 0.80 0.5 4 10
Typ.
Max.
+4.0
Units
% % mV mV mV mV mV mV mV mV mV mV mA mA mA mA V rms F dB V V
Line Regulation
6V V 15V
IN
15V V 25V
IN
Load Regulation
5mA I 100 mA
O
5mA 10 200 mA 5mA 10 350 mA 5mA 10 500 mA Dropout Voltage I = 100 mA
O O O O O O O O
I = 200 mA I = 350 mA I = 500 mA Quiescent Current I 10 mA, I = 100 mA I 200 mA I = 350 mA Output Noise Voltage Output Bypass Capacitor Ripple Rejection Maximum Operational Input Voltage Maximum Line Transient RL = 500, VO 5.5V T = 1ms, 100ms 10Hz-100kHz, COUT = 100F ESR=0.1 to 10 fO =120Hz
35
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS500
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =6V, VOUT =3V IO =5mA, TJ=25C, R1 =27k, C2 = 2F unless otherwise specified. PARAMETER
Adjustable Version Reference Voltage IO 100 mA, -40C T 125C,
J
CONDITIONS
(Note 2)
AMS500-X Min.
1.20
Typ.
1.235 1.235
Max.
1.27 1.290 24
Units
V V V mV/V % % % % V V V V mA mA mA mA Vrms/V F %/1000hr dB V V
R1=27k, Measured from VOUT to Adj. Pin Output Voltage Range Line Regulation Load Regulation 6V V 25V
IN
1.180 2
.02 0.3 0.5 1.0 1.0 0.05 0.3 0.5 0.6 0.18 2.0 5.0 12 100 10 0.4 0.02 21 22 40
1.5 0.5 1 1.5 2.0 0.40 0.50 0.60 0.80 0.5 4 10
5mA I 100 mA
O
5mA 10 200 mA 5mA 10 350 mA 5mA 10 500 mA Dropout Voltage I = 100 mA
O O O O O O O O
I = 200 mA I = 350 mA I = 500 mA Quiescent Current I = 0 mA, I = 100 mA I = 200 mA I = 350 mA Output Noise Voltage Output Bypass Capacitor Long Term Stability Ripple Rejection Maximum Operational Input Voltage Maximum Line Transient On/Off Threshold Voltage On Off On/Off Threshold Current VOFF = 2.4V 2.5 IO = 10mA, Reference Voltage 1.5V T = 1ms, 100ms VO = 3V 10Hz-100kHz ESR=0.1 to 10 T =1000hr fO = 120Hz
35
1.8 2.0 35
1.5
V V
60
A
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test conditions, see the Electrical Characteristics tables. Note 2: To ensure constant junction temperature, low duty cycle pulse testing is used. Note 3: Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ = 25C. Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the junction-to ambient thermal resistance J-A and the ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
P(MAX) =
TJ(MAX) - TA
J - A
Where the value of the junction-to-ambient thermal resistance are as follows: 195C/W for TO-92 (N), 110C/W for SOT-89 (L), 90C/W for SOT-223 and 220C/W for 5 lead SOT-23.
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS500
PIN CONNECTIONS
TO-92 Plastic Package (N)
OUTPUT INPUT
SOT-89 (L)
5 Lead SOT-23 (M1)
INPUT 1 GROUND 2 ON/OFF 3 4 ADJ / N/C 5 OUTPUT
GND
INPUT
1
2 GND
3 OUTPUT
Bottom View
Top View
Top View
SOT-223
SOT-223 R=
1 INPUT
2 GND
3 OUTPUT
1
2
3 INPUT
OUTPUT GND
Top View
Top View
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage 0.6 INPUT OUTPUT DIFFERENTIAL (V) INPUT OUTPUT DIFFERENTIAL (V) 0.5 0.4 0.3 0.2 0.1 0 0 80 120 40 JUNCTION TEMPERATURE ( C)
IO = 350mA IO = 200mA IO = 150mA IO = 100mA
Dropout Voltage 0.6 OUTPUT VOLTAGE (V) 0.5 0.4 0.3 0.2 0.1 0 0 100 200 300 400 500 OUTPUT CURRENT (mA) 600 6.0 5.0 4.0 3.0 2.0 0
Low Voltage Behavior
AMS500-3.3 IO = 500mA
2.0
3.0 4.0 5.0 6.0 INPUT VOLTAGE (V)
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS500
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Low Voltage Behavior 6.0 OUTPUT VOLTAGE (V) OUTPUT VOLTAGE (V) 5.0 4.0 3.0 2.0 0 2.0 3.0 4.0 5.0 6.0 INPUT VOLTAGE (V)
AMS500-5.0 IO = 500mA
Output at Voltage Extremes 6 5 4 3 2 1 0 -1 -20 -10 0 10 20 30 40 50 60 INPUT VOLTAGE (V)
AMS500-3.3 RL=500m
Output at Voltage Extremes 6
AMS500-5.0
5 OUTPUT VOLTAGE (V) 4 3 2 1 0
RL=500m
-1 -20 -10
0 10 20 30 40 50 60 INPUT VOLTAGE (V)
Reference Voltage 1.30 REFERENCE VOLTAGE (V) 1.28 1.26 1.24 1.22 1.20 1.18 1.16 1.14 1.12 1.10 0 3 6 9 12 15 18 21 24 OUTPUT VOLTAGE (V)
AMS500 ADJUSTABLE
Peak Output Current 1200 OUTPUT CURRENT (mA) RIPPLE REJECTION (dB) 1000 800
TJ= 25C
Ripple Rejection 85 80 75 70 65 60 55 50 45 30 1
IO= 10mA C2 = 100F ALUM C2 = 22F TANTALUM
600 400 200 0 0 20 10 INPUT VOLTAGE (V)
10
100 1k 10k 100k 1M FREQUENCY (Hz)
Quiescent Current 17.5 QUIESCENT CURRENT (A) 15 12.5 10 7. 5 5. 0 2. 5 0 -2.5 0 1 2345678 INPUT VOLTAGE (V) 9 10
IO= 10mA
Quiescent Current 25 QUIESCENT CURRENT (mA) QUIESCENT CURRENT (mA) 10 8 6 4 2 0 0 50 100 150 200 250 300 350 OUTPUT CURRENT (mA)
VIN = 6V
Quiescent Current
20 15
IO = 200mA
10 3 2 1
~ ~
IO = 100mA IO = 50mA IO = 0mA
~ ~
0 -40
40 80 120 0 TEMPERATURE ( C)
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS500
APPLICATION NOTES
Definition of Terms Dropout Voltage: The input-output voltage differential at which the circuit stops to regulate against further reduction in input voltage. Measured when the output voltage has dropped 100mV from the nominal voltage obtained at 1V input, dropout voltage is dependent upon load current and junction temperature. Input Voltage: The DC voltage applied to the input terminal with respect to ground. Input-Output Differential: The voltage difference between the unregulated input voltage and the regulated output voltage for which the regulator will regulate. Line Regulation: The change in output voltage for a change in the input voltage. The line regulation is measured under conditions of low dissipation or by using low duty cycle pulse testing such that the average chip temperature is not significantly affected. Load Regulation: The change in output voltage for a change in load current at constant chip temperature. Long term stability: Output voltage stability under accelerated life-test conditions after 1000 hours with maximum rated voltage and junction temperature. Output Noise Voltage: The rms AC voltage at the output, with constant load and no input ripple, measured over a specified frequency range. Quiescent Current: That part of the positive input current that does not contribute to the positive load current. The regulator ground lead current. Ripple Rejection: The ratio of the peak-to -peak input ripple voltage to the peak-to-peak output ripple voltage at specified frequency. Temperature Stability of VO: The percentage change in output voltage for a thermal variation from room temperature to either temperature extreme. External capacitor The AMS500 series require an output capacitor of 10F or greater to ensure device stability. Without the capacitor the device may oscillate Most type of tantalum or electrolytic capacitor can be used in the applications. A critical characteristic of the capacitors is an ESR value of 5 or less and a resonant frequency above 500kHz. The value of this capacitor can be increased without limits. For higher loads, the value of the capacitor should be increased, specialy when the output voltage is set for 2.5V or less. The AMS500 lowest fixed output voltage value is 2.0V Typical application circuit (adjustable output)
VIN
100k OUT OFF ON/OFF 10F ON GND AMS500 ADJUSTABLE ADJ R2 R1 28k + C1 22F VOUT
Minimum Load In circuits using the fixed output voltage versions, minimum load is not required. For circuits using the adjustable device, the value of R1 and R2 should be chosen such, that a current of approximately 40A flows through the network. The reference voltage (1.235V) is measured between the adjust pin and VOUT. The output voltage can be set by the two resistors R1 and R2 using the following equation:
R1 + R2 VO = VREF R1
The value of R1 is recommended to be between 25k to 30 k, and the value of R2 will set the output voltage.
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS500
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3L TO-92 PLASTIC PACKAGE (N)
0.0600.005 (1.5240.127) DIA
0.1800.005 (4.5720.127) 0.0600.010 (1.5240.254) 0.1400.010 (3.5560.127)
0.1800.005 (4.5720.127)
0.90 (2.286) NOM
5 NOM 0.500 (12.70) MIN
10 NOM
0.050 (1.270) MAX
UNCONTROLLED LEAD DIMENSIONS
0.0500.005 (1.2700.127)
0.0160.003 (0.4060.076)
0.0150.002 (0.3810.051)
N (TO-92 ) AMS DRW# 042391
5 LEAD SOT-23 PLASTIC PACKAGE (M1)
0.110-0.120 (2.794-3.048)
0.102-0.118 (2.60-3.00) 0.059-0.070 (1.50-1.75)
0.037 (0.95) TYP 0.018-0.024 (0.457-0.610)
0.014-0.020 (0.350-0.50)
10 NOM
0.036-0.051 (0.090-1.30) 0.0035-0.0080 (0.090-0.20) 0.003 (0.150) MAX 0.075 (1.90) TYP 10 NOM 0.018-0.024 (0.457-0.610)
(SOT-23-5 ) AMS DRW# 051001
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS500
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
SOT-89 PLASTIC PACKAGE (L)
0.173-0.181 (4.40-4.60) 0.064-0.072 (1.62-1.83)
0.055-0.063 (1.40-1.60) 0.014-0.017 (0.35-0.44)
0.155-0.167 (3.94-4.25) 0.090-0.102 (2.29-2.60) 0.084-0.090 (2.13-2.29)
0.035-0.047 (0.89-1.20) 0.059 (1.50) BSC 0.118 (3.00) BSC 0.014-0.019 (0.36-0.48) 0.017-0.022 (0.44-0.56)
L (SOT-89 ) AMS DRW# 042392
3 LEAD SOT-223 PLASTIC PACKAGE
0.248-0.264 (6.30-6.71) 0.116-0.124 (2.95-3.15)
0.264-0.287 (6.71-7.29) 0.130-0.146 (3.30-3.71)
0.090 (2.29) NOM
0.033-0.041 (0.84-1.04)
10-16 0.071 (1.80) MAX 10 MAX 0.010-0.014 (0.25-0.36) 10-16 0.025-0.033 (0.64-0.84) 0.181 (4.60) NOM 0.012 (0.31) MIN 0.025-0.033 (0.64-0.84)
(SOT-223 ) AMS DRW# 042292
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


▲Up To Search▲   

 
Price & Availability of AMS500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X